Part Number Hot Search : 
5ADJB G690L 382008 WFP10N60 300B12 15004 14S20 KE39A
Product Description
Full Text Search
 

To Download RS1210FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount glass passivated fast recovery rectifier reverse voltage 1000v forward current 1.2a RS1210FL features ? glass passivated fast recovery rectifiers ? very low profile - typical height of 1.0 mm ? low forward voltage drop ? low leakage current ? moisture sensitivit y ohyho , p hu-67' 0rlvwxuh vhqvlwlylw\ level  , per j std 020 ? aec-q101 qualified ? high temperature soldering guaranteed: 260 c/10 seconds ? halogen-free according to iec 61249-2-21 definition typical applications for use of general purpose rectification in lighting, cellular phone s, portable device s, power supplies and other consumer applications. v rrm v maximum ratings (t a = 25 c unless otherwise noted) parameter symbol RS1210FL unit maximum repetitive peak reverse voltage 1000 v rms v v dc v i f(av) a maximum rms voltage 700 maximum dc blocking voltage 1000 maximum average forward rectified current 1.2 i fsm a t j , t stg c peak forward surge current 8.3 ms single half sine- wave superimposed on rated load 50 operating junction and storage temperature range - 55 to + 150 maximum instantaneous forward voltage 1 .2a v f volts ta=25 ta=125 i f =0.5a,i r =1.0a, electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol RS1210FL unit 1.3 maximum dc reverse current at rated dc blocking voltage i r 5 a 50 maximum reverse recovery t  6 1rwh 0rxqwhgrq3&%zlwk?ppfr pp er p ads , 2 oz , )53&% ; , rr =0.25a typical junction capacitance 4.0 v, 1 mhz c j pf juntion to mount r jm 1) juntion to ambient r ja 1) juntion to case r jc 1) typical thermal resistance c /w 3.3 67 25 7.5 maximum reverse recovery wlph t rr 250 n s note1):mounted on pcb with 5 . 05 . 0mm copper pads , 2 oz fr4 pcb; package: esga (sod-123fl) 1/3
ratings and characteristics curves figure ? 1.forward ? current ? derating? curve figure ? 2.maximum non \repetitive ? peak ? forward? surge ? current figure ? 3. ? typical? reverse ? characteristics ? figure ? 4. ? typical? junction ? capacitance figure ? 5. ? typical? instantaneous ? forward? characteristics ? surface mount glass passivated fast recovery rectifier reverse voltage 1000v forward current 1.2a RS1210FL 2/3
package outline dimensions dim min max min max a 0.9 1.08 0.035 0.043 a1 0 0.1 0.000 0.004 b 0 85 1 05 0 033 0 041 unit: inch unit: mm soldering %             &     '     (     /     +(     soldering ?? footprint packing information packing information packing quantities: 3000 pcs/reel, 40 reels/box; 8mm tape, 7" reel tape & reel specification dim min max min max a 0.9 1.08 0.035 0.043 a1 0 0.1 0.000 0.004 b 0.85 1.05 0.033 0.041 c 0.1 0.25 0.004 0.010 d 1.7 2 0.067 0.079 e 2.9 3.1 0.114 0.122 l 0.43 0.83 0.017 0.033 he 3.5 3.9 0.138 0.154 unit: inch unit: mm dim min max min max a 0.9 1.08 0.035 0.043 a1 0 0.1 0.000 0.004 b 0.85 1.05 0.033 0.041 c 0.1 0.25 0.004 0.010 d 1.7 2 0.067 0.079 e 2.9 3.1 0.114 0.122 l 0.43 0.83 0.017 0.033 he 3.5 3.9 0.138 0.154 unit: inch unit: mm dim min max min max a 0.9 1.08 0.035 0.043 a1 0 0.1 0.000 0.004 b 0.85 1.05 0.033 0.041 c 0.1 0.25 0.004 0.010 d 1.7 2 0.067 0.079 e 2.9 3.1 0.114 0.122 l 0.43 0.83 0.017 0.033 he 3.5 3.9 0.138 0.154 unit: inch unit: mm www.goodark semi.com doc.usRS1210FLx2.0 dim min max min max a 0.9 1.08 0.035 0.043 a1 0 0.1 0.000 0.004 b 0.85 1.05 0.033 0.041 c 0.1 0.25 0.004 0.010 d 1.7 2 0.067 0.079 e 2.9 3.1 0.114 0.122 l 0.43 0.83 0.017 0.033 he 3.5 3.9 0.138 0.154 unit: inch unit: mm surface mount glass passivated fast recovery rectifier reverse voltage 1000v forward current 1.2a RS1210FL 3/3


▲Up To Search▲   

 
Price & Availability of RS1210FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X